PART |
Description |
Maker |
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
AQV210AZ |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open)
|
PANASONIC CORP
|
SSRF-240D25 SSRF-240D25R SSRF-480D25 SSRF-480D25R |
25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink Solid State Relays
|
Tyco Electronics
|
SG-34FA240A40PSL SG-34FA240A40ZSL SG-34FA240A50PSL |
隆掳HOCKEY PUCK隆卤 SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS “HOCKEY PUCK SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
|
American Zettler, Inc.
|
AQW212EHAZ AQW212EHAX AQW216EHA |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, SMD, DIP-8 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, Normally-Open) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, DIP-8
|
Panasonic, Corp. PANASONIC CORP
|
HSSR-8200 |
60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 200-V/160 Ohm/ 1 Form A/ Small-Signal Solid State Relay 200-V/160 Ohm, 1 Form A, Small-Signal Solid State Relay
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
G2-DB02-SR G2-DB02-TT G2-DB01-ST G2-DB02-ST |
RELAY SSR DPST-NC 200MA 8PIN SMD TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX RELAY SSR DPST-NC 200MA 8 DIP TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Crydom, Inc.
|
2W10 2W01 |
Solid-State Panel Mount Relay; RELAY SSR 25A 120VAC AC-INZERO-X
|
Bytes
|